|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
LESHAN RADIO COMPANY, LTD. Low-voltage variable capacitance diode BB 142 FEATURES * Excellent linearity * Ultra small plastic SMD package * C4: 2.05 pF; ratio: 2.2 * Low series resistance. APPLICATIONS * Voltage controlled oscillators (VCO). DESCRIPTION The BB142 is a variable capacitance diode, fabricated in planar technology, and encapsulated in the SOD523 (SC-79) ultra small plastic SMD package. 2 1 SOD523 SC-79 1 CATHODE 2 ANODE MARKING CODE:K K MAX. 6 8 20 +150 +150 UNIT V V mA C C MAX. 10 200 - 4.9 2.35 - UNIT nA nA pF pF 1 2 LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 134). SYMBOL VR V RM IF T stg Tj PARAMETER continuous reverse voltage peak reverse voltage continuous forward current storage temperature operating junction temperature in series with a 10 k resistor CONDITIONS MIN. - - - -55 -55 ELECTRICAL CHARACTERISTICS T j =25C unless otherwise specified. SYMBOL IR rs Cd PARAMETER reverse current diode series resistance diode capacitance CONDITIONS V R = 6 V; see Fig.2 V R =6 V; T j =85C; see Fig.2 f = 470 MHz; V R =1 V V R = 1 V; f = 1 MHz; see Figs 1 and 3 V R = 4 V; f = 1 MHz; see Figs 1 and 3 C d ( 1V) C d ( 4V) capacitance ratio f = 1 MHz MIN. - - - 4 1.85 2 TYP. - - 0.5 4.6 2.05 2.2 BB142-1/2 LESHAN RADIO COMPANY, LTD. BB 142 10 8 C d ( pF ) 6 4 2 0 10 -1 1 10 V R( V ) Fig.1 Diode capacitance as a function of reverse voltage; typical values. 10 3 10 -3 I R (nA) 10 2 10 0 50 100 10 -4 10 -1 1 10 T j ( C ) TC d ( K -1 ) V R( V ) Fig.2 Reverse current as a function of junction temperature; maximum values. Fig.3 Temperature coefficient of diode capacitance as a function of reverse voltage; typical values. BB142-2/2 |
Price & Availability of BB142 |